Part Number Hot Search : 
KG9501 SLA50 M74HC3 05100 SV153 ZMD31010 MBR1040F 43650
Product Description
Full Text Search
 

To Download DPC10-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
H 1.041 (0.041) W B A-8 A-8
DPC10-120 (F) SERIES
A-8
B
8 7 6 5
1 2 3 4
L
A-8 A-8
4.76 (0.188)
PC TERMINAL (PLUG-IN MOUNTING) TYPE DPC 8 PINS
PCB Pattern
UNIT : mm (inch) WT. B 25.40 (1.000) (gram) 118.70 OPTIONAL BRACKET * NO. --MW --MD ---
SIZE (VA) 1.2 L 35.30 (1.390) W 30.00 (1.181) H 30.16 (1.188)
A-8 8 PIN 5.08 (0.200)
2. SCHEMATIC :
1 5 1 5
230V 2 PRI 3
6 7
2 3 115V PRI 4
Eo
6 7
Eo
4 Series Connected
8
8 Parallel Connected
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-2 Pin 3-4 Pin 5-6 Pin 7-8 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size l. Turns & Wire Gauge Primary-1 Pin 1-2 Primary-2 Pin 3-4 Secondary-1 Pin 5-6 Secondary-2 Pin 7-8 AC 115/230 V 50/60 Hz . Less Than 10mA . Series AC - V . Parallel AC - V . Series 120mA . Parallel 240mA . Less Than - mA . Series 10.00V . Parallel 5.00V . Primary-1 = 1050 Ohm . Primary-2 = 1275 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 1500V 60Hz 1 Minutes . Less Than 60 Deg C . EI-35 x 10.00 m/m . Turns Diameter Turns Diameter Turns Diameter Turns Diameter m/m . m/m . m/m . m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
17.03.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of DPC10-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X